Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2320186 Datasheet (PDF) - PHOENIX CONTACT

2320186 Datasheet PDF - PHOENIX CONTACT
Part # 2320186
Download  2320186 Download
File Size   815.22 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UNO2-PS/1AC/24DC/480W

2320186 Datasheet (PDF)

Go To PDF Page Download Datasheet
2320186 Datasheet PDF - PHOENIX CONTACT

Part # 2320186
Download  2320186 Click to download

File Size   815.22 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UNO2-PS/1AC/24DC/480W

2320186 Datasheet (HTML) - PHOENIX CONTACT


2320186 Product details

Description
The UNO POWER power supply features maximum energy
efficiency and can be used anywhere in the world.
Thanks to its high power density, the UNO POWER power
supply unit is the ideal solution, particularly in compact
control boxes.
Space-saving
– Particularly compact design
– 480 W nominal power with an overall width of 59 mm
– Alignable without minimum clearance to neighboring
modules
Flexible use
– Large, wide-range input of the AC supply voltage
– Adjustable DC output voltage
– Reliable device startup, even at -40°C
– Efficiency up to 94.6%
Easy system diagnostics
– DC OK LED
– Floating switch contact




Similar Part No. - 2320186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320186 PHOENIX-2320186 Datasheet
88Kb / 8P
Redundancy module - QUINT-ORING/24DC/2X20/1X40
2320186 PHOENIX-2320186 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
2320186 PHOENIX-2320186 Datasheet
562Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
2320186 PHOENIX-2320186 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results


Similar Description - 2320186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
103128 PHOENIX-103128 Datasheet
381Kb / 19P
QUINT-PS/1AC/24DC/10
107099 PHOENIX-107099 Datasheet
546Kb / 38P
QUINT4-PS/1AC/24DC/5
2866381 PHOENIX-2866381 Datasheet
146Kb / 6P
TRIO-PS/1AC/24DC/20
2868635 PHOENIX-2868635 Datasheet
142Kb / 6P
STEP-PS/1AC/24DC/0.75
2868648 PHOENIX-2868648 Datasheet
262Kb / 8P
STEP-PS/1AC/24DC/1.75
2868651 PHOENIX-2868651 Datasheet
149Kb / 6P
STEP-PS/1AC/24DC/2.5
2902993 PHOENIX-2902993 Datasheet
465Kb / 19P
UNO-PS/1AC/24DC/100W
1096432 PHOENIX-1096432 Datasheet
508Kb / 12P
Power supply unit - UNO2-PS/1AC/24DC/240W
11/09/2021
1110043 PHOENIX-1110043 Datasheet
549Kb / 17P
Power supply unit - UNO2-PS/1AC/24DC/960W
Nov 16, 2022
1110155 PHOENIX-1110155 Datasheet
953Kb / 17P
Power supply unit - UNO2-PS/1AC/48DC/240W
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com