Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2320186 Datasheet (PDF) - PHOENIX CONTACT

2320186 Datasheet PDF - PHOENIX CONTACT
Part # 2320186
Download  2320186 Download
File Size   511.66 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit

2320186 Datasheet (PDF)

Go To PDF Page Download Datasheet
2320186 Datasheet PDF - PHOENIX CONTACT

Part # 2320186
Download  2320186 Click to download

File Size   511.66 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit

2320186 Datasheet (HTML) - PHOENIX CONTACT


2320186 Product details

Description
QUINT POWER power supply units – Superior system
availability with SFB technology
Compact power supply units of the new QUINT POWER
generation maximize the availability of your system. With
the SFB technology (Selective Fuse Breaking Technology),
six times the nominal current for 12 ms, even the standard
power circuit-breakers can now also be triggered reliably
and quickly. Faulty current paths are switched off
selectively, the fault is located and important system parts
continue to operate. Comprehensive diagnostics are
provided through constant monitoring of output voltage and
current. This preventive function monitoring visualizes
critical operating modes and reports them to the control unit
before an error can occur.

Features
Superior system availability
– Using SFB technology (6 times the nominal current for
12 ms), circuit breakers are tripped quickly and
important system parts remain in operation
– Through the preventive monitoring of output voltage
and current and the transmission of critical operating
states to the controller
– Through reliable starting of difficult loads with POWER
BOOST power reserve
– Long mains buffering > 25 ms
– High MTBF > 500,000 h (40°C)
Worldwide use
– Input voltage of 3 x 320 V AC ... 575 V AC or
2 x 360 ... 575 V AC
– Input voltage from 450 V DC ... 800 V DC
Flexible use
– Adjustable output voltage
– Can be used in Class I, Division 2, Groups A, B, C, D
(Hazardous Location) ANSI-ISA 12.12




Similar Part No. - 2320186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320186 PHOENIX-2320186 Datasheet
88Kb / 8P
Redundancy module - QUINT-ORING/24DC/2X20/1X40
2320186 PHOENIX-2320186 Datasheet
815Kb / 28P
UNO2-PS/1AC/24DC/480W
2020-02-14
2320186 PHOENIX-2320186 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
2320186 PHOENIX-2320186 Datasheet
562Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
More results


Similar Description - 2320186

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR5T ALLEN-BRADLEY-MSR5T_1 Datasheet
45Kb / 2P
Power Supply Unit
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
8149585 FESTO-8149585 Datasheet
88Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103126 PHOENIX-103126 Datasheet
352Kb / 17P
Power supply unit
2015-08-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com