Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDA1334ATS Datasheet (PDF) - NXP Semiconductors

UDA1334ATS Datasheet PDF - NXP Semiconductors
Part # UDA1334ATS
Download  UDA1334ATS Download
File Size   170.87 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power audio DAC with PLL

UDA1334ATS Datasheet (PDF)

Go To PDF Page Download Datasheet
UDA1334ATS Datasheet PDF - NXP Semiconductors

Part # UDA1334ATS
Download  UDA1334ATS Click to download

File Size   170.87 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power audio DAC with PLL

UDA1334ATS Datasheet (HTML) - NXP Semiconductors


UDA1334ATS Product details

3 GENERAL DESCRIPTION
The UDA1334ATS is a single chip 2 channel
digital-to-analog converter employing bitstream
conversion techniques, including an on-board PLL.
The extremely low power consumption and low voltage
requirements make the device eminently suitable for use in
low-voltage low-power portable digital audio equipment
which incorporates a playback function.
The UDA1334ATS supports the I2S-bus data format with
word lengths of up to 24 bits and the LSB-justified serial
data format with word lengths of 16, 20 and 24 bits.
The UDA1334ATS has basic features such as
de-emphasis (44.1 kHz sampling frequency, only
supported in audio mode) and mute.

FEATURES
General
• 2.4 to 3.6 V power supply voltage
• On-board PLL to generate the internal system clock:
– Operates as an asynchronous DAC, regenerating the
internal clock from the WS signal (called audio mode)
– Generates audio related system clock (output) based
on 32, 48 or 96 kHz sampling frequency (called video
mode).
• Integrated digital filter plus DAC
• Supports sample frequencies from 16 to 100 kHz in
asynchronous DAC mode
• No analog post filtering required for DAC
• Easy application
• SSOP16 package.
1.2 Multiple format data interface
• I2S-bus and LSB-justified format compatible
• 1fs input data rate.
1.3 DAC digital features
• Digital de-emphasis for 44.1 kHz sampling frequency
• Mute function.
1.4 Advanced audio configuration
• High linearity, wide dynamic range and low distortion.
1.5 PLL system clock generation
• Integrated low jitter PLL for use in applications in which
there is digital audio data present but the system cannot
provide an audio related system clock. This mode is
called audio mode.
• The PLL can generate 256 × 48 kHz and 384 × 48 kHz
from a 27 MHz input clock. This mode is called video mode.

2 APPLICATIONS
This audio DAC is excellently suitable for digital audio
portable application, specially in applications in which an
audio related system clock is not present.




Similar Part No. - UDA1334ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS Datasheet
102Kb / 24P
Low power audio DAC with PLL
2000 Jul 31
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
Low power audio DAC with PLL
2000 Jul 31
More results


Similar Description - UDA1334ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS Datasheet
102Kb / 24P
Low power audio DAC with PLL
2000 Jul 31
UDA1334BTS PHILIPS-UDA1334BTS Datasheet
98Kb / 20P
Low power audio DAC
2000 Feb 07
UDA1334TS PHILIPS-UDA1334TS Datasheet
95Kb / 20P
Low power audio DAC
1999 Nov 11
logo
Asahi Kasei Microsystem...
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
96kHz 24Bit DAC with PLL
logo
NXP Semiconductors
UDA1334BT PHILIPS-UDA1334BT Datasheet
108Kb / 24P
Low power audio DAC
2002 May 22
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
Low power audio DAC with PLL
2000 Jul 31
UDA1334BTS PHILIPS-UDA1334BTS_15 Datasheet
169Kb / 22P
Low power audio DAC
2000 Jul 31
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
NXP Semiconductors
UDA1334BTS NXP-UDA1334BTS Datasheet
169Kb / 22P
Low power audio DAC
2000 Jul 31
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com