Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDA1334BTS Datasheet (PDF) - NXP Semiconductors

UDA1334BTS Datasheet PDF - NXP Semiconductors
Part # UDA1334BTS
Download  UDA1334BTS Download
File Size   169.76 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power audio DAC

UDA1334BTS Datasheet (PDF)

Go To PDF Page Download Datasheet
UDA1334BTS Datasheet PDF - NXP Semiconductors

Part # UDA1334BTS
Download  UDA1334BTS Click to download

File Size   169.76 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power audio DAC

UDA1334BTS Datasheet (HTML) - NXP Semiconductors


UDA1334BTS Product details

FEATURES
• 1.8 to 3.6 V power supply voltage
• Integrated digital filter plus DAC
• Supports sample frequencies from 8 to 100 kHz
• Automatic system clock versus sample rate detection
• Low power consumption
• No analog post filtering required for DAC
• Slave mode only applications
• Easy application
• SSOP16 package.
1.2 Multiple format data interface
• I2S-bus and LSB-justified format compatible
• 1fs input data rate.
1.3 DAC digital sound processing
• Digital de-emphasis for 44.1 kHz sampling rate
• Mute function.
1.4 Advanced audio configuration
• High linearity, wide dynamic range and low distortion
• Standby or Sleep mode in which the DAC is powered down.

2 APPLICATIONS
This audio DAC is excellently suitable for digital audio
portable application, such as portable MD, MP3 and
DVD players.

3 GENERAL DESCRIPTION
The UDA1334BTS supports the I2S-bus data format with
word lengths of up to 24 bits and the LSB-justified serial
data format with word lengths of 16, 20 and 24 bits.
The UDA1334BTS has basic features such as
de-emphasis (at 44.1 kHz sampling rate) and mute.




Similar Part No. - UDA1334BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334BTS PHILIPS-UDA1334BTS Datasheet
98Kb / 20P
Low power audio DAC
2000 Feb 07
UDA1334BTS PHILIPS-UDA1334BTS_15 Datasheet
169Kb / 22P
Low power audio DAC
2000 Jul 31
More results


Similar Description - UDA1334BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS Datasheet
102Kb / 24P
Low power audio DAC with PLL
2000 Jul 31
UDA1334BTS PHILIPS-UDA1334BTS Datasheet
98Kb / 20P
Low power audio DAC
2000 Feb 07
UDA1334TS PHILIPS-UDA1334TS Datasheet
95Kb / 20P
Low power audio DAC
1999 Nov 11
UDA1334BT PHILIPS-UDA1334BT Datasheet
108Kb / 24P
Low power audio DAC
2002 May 22
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
Low power audio DAC with PLL
2000 Jul 31
UDA1334BTS PHILIPS-UDA1334BTS_15 Datasheet
169Kb / 22P
Low power audio DAC
2000 Jul 31
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320DAC32 TI1-TLV320DAC32_16 Datasheet
1Mb / 70P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
NXP Semiconductors
UDA1334ATS NXP-UDA1334ATS Datasheet
170Kb / 22P
Low power audio DAC with PLL
2000 Jul 31
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com