Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY228GP Datasheet (PDF) - Vishay Siliconix

BY228GP Datasheet PDF - Vishay Siliconix
Part # BY228GP_V01
Download  BY228GP Download
File Size   78.81 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Clamper / Damper Glass Passivated Fast Plastic Rectifier

BY228GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY228GP Datasheet PDF - Vishay Siliconix

Part # BY228GP_V01
Download  BY228GP Click to download

File Size   78.81 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Clamper / Damper Glass Passivated Fast Plastic Rectifier

BY228GP Datasheet (HTML) - Vishay Siliconix


BY228GP Product details

FEATURES
• Superectifier structure for high reliability
application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high voltage rectification of power supplies,
inverters, converters and freewheeling diodes specially
designed for clamping circuits, horizontal deflection
systems and damper applications.

MECHANICAL DATA
Case: DO-201AD, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end




Similar Part No. - BY228GP_V01

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
More results


Similar Description - BY228GP_V01

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
CG3 GE-CG3 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
11-Dec-13
BY448GP VISHAY-BY448GP_15 Datasheet
78Kb / 5P
Miniature Clamper/Damper Glass Passivated Fast Rectifier
24-Jul-13
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
CGP30 VISHAY-CGP30_V01 Datasheet
74Kb / 5P
Clamper/Damper Glass Passivated Plastic Rectifier
06-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com