Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY228GP Datasheet (PDF) - Gulf Semiconductor

BY228GP Datasheet PDF - Gulf Semiconductor
Part # BY228GP
Download  BY228GP Download
File Size   139.49 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A

BY228GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY228GP Datasheet PDF - Gulf Semiconductor

Part # BY228GP
Download  BY228GP Click to download

File Size   139.49 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A

BY228GP Datasheet (HTML) - Gulf Semiconductor


BY228GP Product details

VOLTAGE:1500V CURRENT: 3.0A

FEATURE
● High temperature metallurgically bonded construction
● Sintered glass cavity free junction
● Capability of meeting environmental standard of MIL-S-19500
● High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension
● Operate at Ta =55°C with no thermal run away
● Typical Ir<0.1µA




Similar Part No. - BY228GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
78Kb / 5P
Clamper / Damper Glass Passivated Fast Plastic Rectifier
05-Oct-2021
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
Clamper / Damper Glass Passivated Fast Plastic Rectifier
05-Oct-2021
More results


Similar Description - BY228GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
BYW82GP GULFSEMI-BYW82GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 3.0A
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com