Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY448 Datasheet (PDF) - Gulf Semiconductor

BY448 Datasheet PDF - Gulf Semiconductor
Part # BY448
Download  BY448 Download
File Size   83.3 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A

BY448 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY448 Datasheet PDF - Gulf Semiconductor

Part # BY448
Download  BY448 Click to download

File Size   83.3 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A

BY448 Datasheet (HTML) - Gulf Semiconductor


BY448 Product details

FEATURE
    Glass passivated
    High maximum operating temperature
    Low leakage current
    Excellent stability




Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
logo
Shenzhen Luguang Electr...
BY448 LUGUANG-BY448 Datasheet
218Kb / 3P
Standard Avalanche Sinterglass Diode
More results


Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5061 GULFSEMI-1N5061 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V to 800V CURRENT: 2.0A
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
RG2J GULFSEMI-RG2J Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com