Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW56 Datasheet (PDF) - Gulf Semiconductor

BYW56 Datasheet PDF - Gulf Semiconductor
Part # BYW56
Download  BYW56 Download
File Size   79.61 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A

BYW56 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW56 Datasheet PDF - Gulf Semiconductor

Part # BYW56
Download  BYW56 Click to download

File Size   79.61 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A

BYW56 Datasheet (HTML) - Gulf Semiconductor


BYW56 Product details

FEATURE
    Glass passivated
    High maximum operating temperature
    Low leakage current
    Excellent stability
    Guaranteed avalanche energy absorption capability




Similar Part No. - BYW56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW56 PHILIPS-BYW56 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Vishay Siliconix
BYW56 VISHAY-BYW56 Datasheet
134Kb / 6P
Silicon Mesa Rectifiers
14-Apr-05
logo
EIC discrete Semiconduc...
BYW56 EIC-BYW56 Datasheet
50Kb / 2P
AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYW56 VISHAY-BYW56 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW56 VISHAY-BYW56 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
More results


Similar Description - BYW56

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5061 GULFSEMI-1N5061 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V to 800V CURRENT: 2.0A
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
BYM36E GULFSEMI-BYM36E Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYT54M GULFSEMI-BYT54M Datasheet
88Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.25A
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYV26E GULFSEMI-BYV26E Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
FE1.5M GULFSEMI-FE1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
G1.5M GULFSEMI-G1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com