Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT54M Datasheet (PDF) - Gulf Semiconductor

BYT54M Datasheet PDF - Gulf Semiconductor
Part # BYT54M
Download  BYT54M Download
File Size   88.77 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.25A

BYT54M Datasheet (PDF)

Go To PDF Page Download Datasheet
BYT54M Datasheet PDF - Gulf Semiconductor

Part # BYT54M
Download  BYT54M Click to download

File Size   88.77 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.25A

BYT54M Datasheet (HTML) - Gulf Semiconductor


BYT54M Product details

VOLTAGE:1000V CURRENT: 1.25A

FEATURE
    Glass passivated
    Hermetically sealed package
    Low reverse current
    Soft recovery characteristics




Similar Part No. - BYT54M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT54M VISHAY-BYT54M Datasheet
43Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYT54M VISHAY-BYT54M Datasheet
115Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
logo
Frontier Electronics.
BYT54M FRONTIER-BYT54M Datasheet
61Kb / 2P
1A ULTRA FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
BYT54M LUGUANG-BYT54M Datasheet
240Kb / 2P
High Efficiency Rectifiers
More results


Similar Description - BYT54M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5811 GULFSEMI-1N5811 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?50V CURRENT: 3.0A
BYM36E GULFSEMI-BYM36E Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYV26E GULFSEMI-BYV26E Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
BYV26EGP-15 GULFSEMI-BYV26EGP-15 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE1.5M GULFSEMI-FE1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
G1.5M GULFSEMI-G1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com