Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW54 Datasheet (PDF) - Gulf Semiconductor

BYW54 Datasheet PDF - Gulf Semiconductor
Part # BYW54
Download  BYW54 Download
File Size   79.68 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A

BYW54 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW54 Datasheet PDF - Gulf Semiconductor

Part # BYW54
Download  BYW54 Click to download

File Size   79.68 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A

BYW54 Datasheet (HTML) - Gulf Semiconductor


BYW54 Product details

FEATURE
    Glass passivated
    High maximum operating temperature
    Low leakage current
    Excellent stability
    Guaranteed avalanche energy absorption capability




Similar Part No. - BYW54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Vishay Siliconix
BYW54 VISHAY-BYW54 Datasheet
134Kb / 6P
Silicon Mesa Rectifiers
14-Apr-05
logo
EIC discrete Semiconduc...
BYW54 EIC-BYW54 Datasheet
50Kb / 2P
AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYW54 VISHAY-BYW54 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW54 VISHAY-BYW54 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
More results


Similar Description - BYW54

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5061 GULFSEMI-1N5061 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V to 800V CURRENT: 2.0A
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYM56C GULFSEMI-BYM56C Datasheet
70Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
GI1104 GULFSEMI-GI1104 Datasheet
117Kb / 2P
SINTERED GLASS JUNCTION FAST EFFICIENT RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com