Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYM56C Datasheet (PDF) - Gulf Semiconductor

BYM56C Datasheet PDF - Gulf Semiconductor
Part # BYM56C
Download  BYM56C Download
File Size   70.69 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A

BYM56C Datasheet (PDF)

Go To PDF Page Download Datasheet
BYM56C Datasheet PDF - Gulf Semiconductor

Part # BYM56C
Download  BYM56C Click to download

File Size   70.69 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A

BYM56C Datasheet (HTML) - Gulf Semiconductor


BYM56C Product details

SINTERED GLASS JUNCTION AVALANCHE RECTIFIER

VOLTAGE:600V CURRENT : 3.5A



FEATURE

Glass passivated

High maximum operating temperature

Low leakage current

Excellent stability

Guaranteed avalanche energy absorption capability




Similar Part No. - BYM56C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM56C PHILIPS-BYM56C Datasheet
48Kb / 7P
Controlled avalanche rectifiers
1996 May 24
logo
EIC discrete Semiconduc...
BYM56C EIC-BYM56C Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results


Similar Description - BYM56C

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE1.5G GULFSEMI-FE1.5G Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
FE5B GULFSEMI-FE5B Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 5.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com