Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY228 Datasheet (PDF) - Gulf Semiconductor

BY228 Datasheet PDF - Gulf Semiconductor
Part # BY228
Download  BY228 Download
File Size   144.02 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A

BY228 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY228 Datasheet PDF - Gulf Semiconductor

Part # BY228
Download  BY228 Click to download

File Size   144.02 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A

BY228 Datasheet (HTML) - Gulf Semiconductor


BY228 Product details

FEATURE
    Glass passivated
    High maximum operating temperature
    Low leakage current
    Excellent stability




Similar Part No. - BY228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
35Kb / 3P
Silicon Mesa Rectifier
24-Jun-98
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
logo
Rugao Dachang Electroni...
BY228 DACHANG-BY228 Datasheet
120Kb / 2P
Damper Diodes Reverse Voltage 1500V Forward Current 5.0A
More results


Similar Description - BY228

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
BYM26D GULFSEMI-BYM26D Datasheet
67Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 2.3A
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
BYV36C GULFSEMI-BYV36C Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.6A
BYV95A GULFSEMI-BYV95A Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com