Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY228 Datasheet (PDF) - Vishay Siliconix

BY228 Datasheet PDF - Vishay Siliconix
Part # BY228
Download  BY228 Download
File Size   102.6 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Avalanche Sinterglass Diode

BY228 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY228 Datasheet PDF - Vishay Siliconix

Part # BY228
Download  BY228 Click to download

File Size   102.6 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Avalanche Sinterglass Diode

BY228 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - BY228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
35Kb / 3P
Silicon Mesa Rectifier
24-Jun-98
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
logo
Rugao Dachang Electroni...
BY228 DACHANG-BY228 Datasheet
120Kb / 2P
Damper Diodes Reverse Voltage 1500V Forward Current 5.0A
More results


Similar Description - BY228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
Standard Avalanche Sinterglass Diode
12-Sep-12
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
Standard Avalanche Sinterglass Diode
12-Sep-12
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com