Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY228 Datasheet (PDF) - Vishay Siliconix

BY228 Datasheet PDF - Vishay Siliconix
Part # BY228
Download  BY228 Download
File Size   35.9 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Mesa Rectifier

BY228 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY228 Datasheet PDF - Vishay Siliconix

Part # BY228
Download  BY228 Click to download

File Size   35.9 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Mesa Rectifier

BY228 Datasheet (HTML) - Vishay Siliconix


BY228 Product details

FEATURES
• Glass passivated junction
• Hermetically sealed package
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• High voltage rectification
• Efficiency diode in horizontal deflection circuit




Similar Part No. - BY228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
logo
Rugao Dachang Electroni...
BY228 DACHANG-BY228 Datasheet
120Kb / 2P
Damper Diodes Reverse Voltage 1500V Forward Current 5.0A
More results


Similar Description - BY228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
49Kb / 4P
Silicon Mesa Rectifier
24-Jun-98
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
Silicon Mesa SMD Rectifier
24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
Fast Silicon Mesa SMD Rectifier
13-Aug-99
BYT40Y VISHAY-BYT40Y Datasheet
41Kb / 4P
Silicon Mesa Rectifier
24-Jun-98
BYT62 VISHAY-BYT62 Datasheet
37Kb / 3P
Silicon Mesa Rectifier
24-Jun-98
BYW178 VISHAY-BYW178 Datasheet
45Kb / 4P
Very Fast Silicon Mesa Rectifier
24-Jun-98
S420D VISHAY-S420D Datasheet
49Kb / 4P
Silicon Mesa SMD Rectifier
24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
Silicon Mesa SMD Rectifier
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com