Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY448 Datasheet (PDF) - NXP Semiconductors

BY448 Datasheet PDF - NXP Semiconductors
Part # BY448
Download  BY448 Download
File Size   52.0 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Damper diode

BY448 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY448 Datasheet PDF - NXP Semiconductors

Part # BY448
Download  BY448 Click to download

File Size   52.0 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Damper diode

BY448 Datasheet (HTML) - NXP Semiconductors


BY448 Product details

DESCRIPTION
Rugged glass package, using a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched.

FEATURES
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Available in ammo-pack.

APPLICATIONS
• Damper diode in high frequency horizontal deflection circuits up to 16 kHz.




Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
logo
Shenzhen Luguang Electr...
BY448 LUGUANG-BY448 Datasheet
218Kb / 3P
Standard Avalanche Sinterglass Diode
More results


Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
Damper diode
1996 Sep 30
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
DAMPER DIODE
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
Damper diode
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com