Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23-397 Datasheet (PDF) - Applied Motion Products, Inc.

HT23-397 Datasheet PDF - Applied Motion Products, Inc.
Part # HT23-397
Download  HT23-397 Download
File Size   55.01 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC

HT23-397 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT23-397 Datasheet PDF - Applied Motion Products, Inc.

Part # HT23-397
Download  HT23-397 Click to download

File Size   55.01 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC

HT23-397 Datasheet (HTML) - Applied Motion Products, Inc.


HT23-397 Product details

Features
• Accepts 12 – 35 VDC power supply (including
ripple)
• Adjustable motor current: 0 to 1.0 amps/phase.
• Full or half step (jumper selectable), quarter
stepping available for OEM
• Compact size (1.0 x 2.4 x 3.55 inches)
• Mounts on DIN rail
• Optically isolated 5 – 24V step and direction inputs
can be configured for sinking or sourcing
logic
• Automatic idle current reduction.
• Drives 4, 6 or 8 lead step motors, sizes 11 – 23
• Compatible step motors available from stock
• Lightweight, rugged molded case
• Pluggable, screw terminal connectors
• CE compliant
Description
The 1035D consists of two stepper drives that can
operate in full or half step mode. Each driver can be
individually controlled via its step and direction inputs.
Each driver includes an automatic feature to
lower motor current anytime the motor is left at
rest for more than one-half second.
The amplifiers regulate motor current by chopping
at a constant, inaudible frequency. Phase current
for each axis is independently adjustable by front
panel potentiometers.




Similar Part No. - HT23-397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-397 ETC2-HT23-397 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
logo
Applied Motion Products...
HT23-397 AMP-HT23-397 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT23-397 AMP-HT23-397 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT23-397 AMP-HT23-397 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
HT23-397 AMP-HT23-397 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results


Similar Description - HT23-397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
2035XD ETC2-2035XD Datasheet
190Kb / 4P
DC Dual-Axis Full/Half/Microstep Drive
logo
Applied Motion Products...
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com