Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201765 Datasheet (PDF) - PHOENIX CONTACT

2201765 Datasheet PDF - PHOENIX CONTACT
Part # 2201765
Download  2201765 Download
File Size   618.2 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Series EH...F electronics housings

2201765 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201765 Datasheet PDF - PHOENIX CONTACT

Part # 2201765
Download  2201765 Click to download

File Size   618.2 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Series EH...F electronics housings

2201765 Datasheet (HTML) - PHOENIX CONTACT


2201765 Product details

Description
The series EH...F electronics housings consist of a lower
housing part that can be combined with three different housing
covers. The housing is available in seven overall widths.
The housing covers are snapped onto the lower housing
part. They are available with connection technology openings
either on one side or on both sides. Closed housing
covers are also available. They can be provided with customer-
specific openings.
The receptacle housing version ensures shock and contamination-
proof accommodation of electronic components.
Different connection technologies for the PCBs can be integrated
in the housing. The PCBs can be mounted horizontally.
They also have a large assembly area.
The housings can be snapped onto symmetrical DIN rails
according to EN 60715. Wall mounting is also possible.
The housings are available in material version ABS. This
type is approved for flammability rating HB according to UL
94.
The housing covers are provided with integrated labeling
fields for device marking.




Similar Part No. - 2201765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201760 PHOENIX-2201760 Datasheet
52Kb / 2P
Item is from the UM-ALU product range
More results


Similar Description - 2201765

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1073420000 WEIDMULLER-1073420000 Datasheet
81Kb / 2P
Electronics housings, CH20M transparent, Tilt cover, Width: 22.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
Electronics housings, CH20M black, Hood, Width: 45 mm
1139790000 WEIDMULLER-1139790000 Datasheet
73Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1174280000 WEIDMULLER-1174280000 Datasheet
77Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 22.5 mm
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com