Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGP30 Datasheet (PDF) - Vishay Siliconix

DGP30 Datasheet PDF - Vishay Siliconix
Part # DGP30
Download  DGP30 Download
File Size   74.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Clamper/Damper Glass Passivated Plastic Rectifier

DGP30 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGP30 Datasheet PDF - Vishay Siliconix

Part # DGP30
Download  DGP30 Click to download

File Size   74.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Clamper/Damper Glass Passivated Plastic Rectifier

DGP30 Datasheet (HTML) - Vishay Siliconix


DGP30 Product details

FEATURES
• Superectifier structure
• Cavity-free glass passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high voltage rectification of power supplies,
inverters, converters and freewheeling diodes specially
designed for clamping circuits, horizontal deflection
systems, and damper applications.

MECHANICAL DATA
Case: DO-201AD, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end




Similar Part No. - DGP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGP30 VISHAY-DGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
DGP30 VISHAY-DGP30 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
logo
Power-One
DGP30E48S12 POWER-ONE-DGP30E48S12 Datasheet
888Kb / 4P
SINGLE OUTPUT
DGP30E48S15 POWER-ONE-DGP30E48S15 Datasheet
888Kb / 4P
SINGLE OUTPUT
DGP30E48S5 POWER-ONE-DGP30E48S5 Datasheet
888Kb / 4P
SINGLE OUTPUT
More results


Similar Description - DGP30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
CG3 GE-CG3 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
11-Dec-13
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
Clamper / Damper Glass Passivated Fast Plastic Rectifier
05-Oct-2021
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com