Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST110S04P0VPBF Datasheet (PDF) - Vishay Siliconix

VS-ST110S04P0VPBF Datasheet PDF - Vishay Siliconix
Part # VS-ST110S04P0VPBF
Download  VS-ST110S04P0VPBF Download
File Size   189.39 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 110 A

VS-ST110S04P0VPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-ST110S04P0VPBF Datasheet PDF - Vishay Siliconix

Part # VS-ST110S04P0VPBF
Download  VS-ST110S04P0VPBF Click to download

File Size   189.39 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 110 A

VS-ST110S04P0VPBF Datasheet (HTML) - Vishay Siliconix


VS-ST110S04P0VPBF Product details

FEATURES
• Center gate
• International standard case TO-94 (TO-209AC)
• Compression bonded encapsulation for heavy
duty operations such as severe thermal cycling
• Hermetic glass-metal case with ceramic insulator
(Glass-metal seal over 1200 V)
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers




Similar Part No. - VS-ST110S04P0VPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST110S04 VISHAY-VS-ST110S04 Datasheet
199Kb / 10P
Phase Control Thyristors
11-Mar-14
More results


Similar Description - VS-ST110S04P0VPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
06-Jun-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST110SPBF VISHAY-ST110SPBF_10 Datasheet
166Kb / 10P
Phase Control Thyristors (Stud Version), 110 A
17-Aug-10
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com