Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST110S04P0VPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-ST110S04P0VPBF
Description  Phase Control Thyristors (Stud Version), 110 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST110S04P0VPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-ST110S04P0VPBF Datasheet HTML 1Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 2Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 3Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 4Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 5Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 6Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 7Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 8Page - Vishay Siliconix VS-ST110S04P0VPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-ST110SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Sep-17
1
Document Number: 94393
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Phase Control Thyristors
(Stud Version), 110 A
FEATURES
•Center gate
• International standard case TO-94 (TO-209AC)
• Compression bonded encapsulation for heavy
duty operations such as severe thermal cycling
• Hermetic
glass-metal
case
with
ceramic
insulator
(Glass-metal seal over 1200 V)
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IT(AV)
110 A
VDRM/VRRM
400 V, 800 V, 1200 V, 1600 V
VTM
1.52 V
IGT
150 mA
TJ
-40 °C to +125 °C
Package
TO-94 (TO-209AC)
Circuit configuration
Single SCR
TO-94 (TO-209AC)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
110
A
TC
90
°C
IT(RMS)
175
A
ITSM
50 Hz
2700
60 Hz
2830
I2t
50 Hz
36.4
kA2s
60 Hz
33.2
VDRM/VRRM
400 to 1600
V
tq
Typical
100
μs
TJ
-40 to +125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE
PEAK AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM AT
TJ = TJ MAXIMUM
mA
VS-ST110S
04
400
500
20
08
800
900
12
1200
1300
16
1600
1700


Similar Part No. - VS-ST110S04P0VPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST110S04 VISHAY-VS-ST110S04 Datasheet
199Kb / 10P
Phase Control Thyristors
11-Mar-14
More results

Similar Description - VS-ST110S04P0VPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
06-Jun-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST110SPBF VISHAY-ST110SPBF_10 Datasheet
166Kb / 10P
Phase Control Thyristors (Stud Version), 110 A
17-Aug-10
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com