Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF2GE Datasheet (PDF) - Schneider Electric

VCF2GE Datasheet PDF - Schneider Electric
Part # VCF2GE
Download  VCF2GE Download
File Size   142.75 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys Vario enclosed, emergency switch disconnector, 32A, IP65

VCF2GE Datasheet (PDF)

Go To PDF Page Download Datasheet
VCF2GE Datasheet PDF - Schneider Electric

Part # VCF2GE
Download  VCF2GE Click to download

File Size   142.75 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys Vario enclosed, emergency switch disconnector, 32A, IP65

VCF2GE Datasheet (HTML) - Schneider Electric


VCF2GE Product details

Main
Range TeSys
Product name TeSys VARIO
Device short name VCF
Product or Component Type Enclosed emergency stop switch disconnector
Performance level High performance
Poles description 3P
Control Type Rotary handle
Handle colour Red
Handle front plate colour Yellow
Rotary handle padlocking 1 to 3 padlocks 0.16…0.31 in (4…8 mm)




Similar Part No. - VCF2GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
More results


Similar Description - VCF2GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jun 13, 2022
VCF1GE SCHNEIDER-VCF1GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jun 13, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com