Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF2GE Datasheet(PDF) 1 Page - Schneider Electric

Part # VCF2GE
Description  TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF2GE Datasheet(HTML) 1 Page - Schneider Electric

  VCF2GE Datasheet HTML 1Page - Schneider Electric VCF2GE Datasheet HTML 2Page - Schneider Electric VCF2GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario enclosed, emergency
switch disconnector, 32A, IP65
VCF2GE
Product availability : Stock - Normally stocked in distribution
facility
Price* : 287.00 USD
Main
Range
TeSys
Product name
TeSys VARIO
Device short name
VCF
Product or Component Type
Enclosed emergency stop switch disconnector
Performance level
High performance
Poles description
3P
Control Type
Rotary handle
Handle colour
Red
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Complementary
Marking
0 - 1
[Ue] rated operational voltage
690 V AC
[Uimp] rated impulse withstand
voltage
8 kV
[Ithe] conventional enclosed
thermal current
32 A
[Ie] rated operational current
29 A AC-23A)400 V
Rated operational power in W
15 kW 400 V AC-23)
11 kW 400 V AC-3)
Intermittent duty class
30
Making capacity ( I rms)
400 A 400 V AC-21A
400 A 400 V AC-22A
400 A 400 V AC-23A
[Icm] rated short-circuit making
capacity
1 kA 400 V at Ipeak
[Icw] rated short-time withstand
Rms current
480 A 400 V 1 s
Rated conditional short-circuit
current
10 kA 400 V 50 A aM
10 kA 400 V 50 A gG
Breaking capacity
320 A 400 V AC-21A)
320 A 400 V AC-22A)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VCF2GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
More results

Similar Description - VCF2GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jun 13, 2022
VCF1GE SCHNEIDER-VCF1GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jun 13, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com