Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D5N04CL Datasheet (PDF) - ON Semiconductor

NVMJS1D5N04CL Datasheet PDF - ON Semiconductor
Part # NVMJS1D5N04CL
Download  NVMJS1D5N04CL Download
File Size   364.75 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 1.4 m, 200 A

NVMJS1D5N04CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJS1D5N04CL Datasheet PDF - ON Semiconductor

Part # NVMJS1D5N04CL
Download  NVMJS1D5N04CL Click to download

File Size   364.75 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 1.4 m, 200 A

NVMJS1D5N04CL Datasheet (HTML) - ON Semiconductor


NVMJS1D5N04CL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMJS1D5N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS1D0N04C ONSEMI-NVMJS1D0N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.92 m, 300 A
July, 2019 ??Rev. 0
NVMJS1D0N04CTWG ONSEMI-NVMJS1D0N04CTWG Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.92 m, 300 A
July, 2019 ??Rev. 0
NVMJS1D2N04CL ONSEMI-NVMJS1D2N04CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.2 m, 237 A
July, 2019 ??Rev. 0
NVMJS1D2N04CLTWG ONSEMI-NVMJS1D2N04CLTWG Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.2 m, 237 A
July, 2019 ??Rev. 0
NVMJS1D3N04C ONSEMI-NVMJS1D3N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A
July, 2019 ??Rev. 1
More results


Similar Description - NVMJS1D5N04CL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
N-channel 40 V, 1.4 mΩ typ., 180 A STripFET III Power MOSFET
14-Mar-2013
logo
Fairchild Semiconductor
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMJS1D5N04CL ONSEMI-NTMJS1D5N04CL Datasheet
356Kb / 7P
Power MOSFET Single N?묬hannel, 40 V, 1.4 m, 200 A
March, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVMTS1D5N08H ONSEMI-NVMTS1D5N08H Datasheet
406Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.4 m, 273 A
May, 2020 ??Rev. 1
NVCR4LS1D4N10MCA ONSEMI-NVCR4LS1D4N10MCA Datasheet
166Kb / 6P
MOSFET – Power, N-Channel 100 V, 1.4 m
August, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com