Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D7N06C Datasheet (PDF) - ON Semiconductor

NVMJS1D7N06C Datasheet PDF - ON Semiconductor
Part # NVMJS1D7N06C
Download  NVMJS1D7N06C Download
File Size   258.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A

NVMJS1D7N06C Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJS1D7N06C Datasheet PDF - ON Semiconductor

Part # NVMJS1D7N06C
Download  NVMJS1D7N06C Click to download

File Size   258.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A

NVMJS1D7N06C Datasheet (HTML) - ON Semiconductor


NVMJS1D7N06C Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMJS1D7N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS1D7N04C ONSEMI-NVMJS1D7N04C Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A
July, 2019 ??Rev. 1
NVMJS1D7N04CTWG ONSEMI-NVMJS1D7N04CTWG Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A
July, 2019 ??Rev. 1
More results


Similar Description - NVMJS1D7N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6H800NL ONSEMI-NVMFS6H800NL Datasheet
204Kb / 7P
Power MOSFET Single N?묬hannel, 80 V, 1.9 m, 224 A
April, 2019 ??Rev. 2
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NVLJWS011N06CL ONSEMI-NVLJWS011N06CL Datasheet
163Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9 m, 48 A
April, 2022 ??Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFSC1D6N06CL ONSEMI-NVMFSC1D6N06CL Datasheet
369Kb / 7P
MOSFET - Power, DUAL COOL N-Channel DFN8 5x6 60 V, 1.5 m, 224 A
August, 2021 ??Rev. 5
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com