Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D7N04CTWG Datasheet (PDF) - ON Semiconductor

NVMJS1D7N04CTWG Datasheet PDF - ON Semiconductor
Part # NVMJS1D7N04CTWG
Download  NVMJS1D7N04CTWG Download
File Size   363.26 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A

NVMJS1D7N04CTWG Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJS1D7N04CTWG Datasheet PDF - ON Semiconductor

Part # NVMJS1D7N04CTWG
Download  NVMJS1D7N04CTWG Click to download

File Size   363.26 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A

NVMJS1D7N04CTWG Datasheet (HTML) - ON Semiconductor


NVMJS1D7N04CTWG Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NVMJS1D7N04CTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS1D7N06C ONSEMI-NVMJS1D7N06C Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1
NVMJS1D7N06CTWG ONSEMI-NVMJS1D7N06CTWG Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1
More results


Similar Description - NVMJS1D7N04CTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVBGS4D1N15MC ONSEMI-NVBGS4D1N15MC Datasheet
233Kb / 7P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTMTS1D6N10MC ONSEMI-NTMTS1D6N10MC Datasheet
331Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NVMYS1D6N04CL ONSEMI-NVMYS1D6N04CL Datasheet
235Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.6 m, 185 A
September, 2021 ??Rev.2
NVMYS1D7N04C ONSEMI-NVMYS1D7N04C Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.7 m, 190 A
October, 2020 ??Rev. 0
NVMYS2D2N06CL ONSEMI-NVMYS2D2N06CL Datasheet
346Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A
July, 2019 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com