Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD0050 Datasheet (PDF) - Qorvo, Inc

QPD0050 Datasheet PDF - Qorvo, Inc
Part # QPD0050
Download  QPD0050 Download
File Size   916.18 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor

QPD0050 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD0050 Datasheet PDF - Qorvo, Inc

Part # QPD0050
Download  QPD0050 Click to download

File Size   916.18 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor

QPD0050 Datasheet (HTML) - Qorvo, Inc


QPD0050 Product details

Key Features
Operating Frequency Range: DC to 3.6 GHz
Operating Drain Voltage: +48 V
Maximum Output Power (PSAT): 79.4 W (1)
Maximum Drain Efficiency: 77.9% (1)
Efficiency-Tuned P3dB Gain: 19.4 dB (1)
Surface Mount Plastic Package




Similar Part No. - QPD0050

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD0050 TRIQUINT-QPD0050 Datasheet
731Kb / 9P
75 W, DC to 3.6 GHz 48V GaN RF Power Transistor
More results


Similar Description - QPD0050

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
DC ??6 GHz 18 W GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3_15 Datasheet
487Kb / 15P
DC 6 GHz 18 W GaN RF Power Transistor
QPD0030 TRIQUINT-QPD0030 Datasheet
472Kb / 8P
45 W, DC to 4 GHz 48V GaN RF Power Transistor
QPD0050 TRIQUINT-QPD0050 Datasheet
731Kb / 9P
75 W, DC to 3.6 GHz 48V GaN RF Power Transistor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2195 TRIQUINT-QPD2195 Datasheet
1Mb / 12P
400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
TGF2978-SM QORVO-TGF2978-SM Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
logo
STMicroelectronics
RF2L36075CF2 STMICROELECTRONICS-RF2L36075CF2 Datasheet
1Mb / 13P
75 W, 28 V, 3.1 to 3.6 GHz RF power LDMOS transistor
14-Apr-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com