Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD0030 Datasheet (PDF) - Qorvo, Inc

QPD0030 Datasheet PDF - Qorvo, Inc
Part # QPD0030
Download  QPD0030 Download
File Size   1079.76 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor

QPD0030 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD0030 Datasheet PDF - Qorvo, Inc

Part # QPD0030
Download  QPD0030 Click to download

File Size   1079.76 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor

QPD0030 Datasheet (HTML) - Qorvo, Inc


QPD0030 Product details

Key Features
• Operating Frequency Range: DC to 5 GHz
• Operating Drain Voltage: +48 V
• Maximum Output Power (PSAT): 49.0 W (1)
• Maximum Drain Efficiency: 71.9% (1)
• Efficiency-Tuned P3dB Gain: 22.1 dB (1)
• Surface Mount Plastic Package




Similar Part No. - QPD0030

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD0030 TRIQUINT-QPD0030 Datasheet
472Kb / 8P
45 W, DC to 4 GHz 48V GaN RF Power Transistor
More results


Similar Description - QPD0030

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD0030 TRIQUINT-QPD0030 Datasheet
472Kb / 8P
45 W, DC to 4 GHz 48V GaN RF Power Transistor
TQP0102 TRIQUINT-TQP0102 Datasheet
374Kb / 10P
5 W, DC to 4 GHz, GaN Power Transistor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2195 TRIQUINT-QPD2195 Datasheet
1Mb / 12P
400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Cree, Inc
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
TGF2977-SM QORVO-TGF2977-SM Datasheet
2Mb / 28P
DC ??12 GHz, 32 V, 5 W GaN RF Transistor
QPD0050 QORVO-QPD0050 Datasheet
916Kb / 12P
75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor
February 2020
logo
WOLFSPEED, INC.
CG2H40045 WOLFSPEED-CG2H40045 Datasheet
3Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 3.0, 2022-7-20
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com