Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CG2H40045 Datasheet (PDF) - WOLFSPEED, INC.

CG2H40045 Datasheet PDF - WOLFSPEED, INC.
Part # CG2H40045
Download  CG2H40045 Download
File Size   3731.48 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 45 W, DC - 4 GHz RF Power GaN HEMT

CG2H40045 Datasheet (PDF)

Go To PDF Page Download Datasheet
CG2H40045 Datasheet PDF - WOLFSPEED, INC.

Part # CG2H40045
Download  CG2H40045 Click to download

File Size   3731.48 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 45 W, DC - 4 GHz RF Power GaN HEMT

CG2H40045 Datasheet (HTML) - WOLFSPEED, INC.


CG2H40045 Product details

Description
Wolfspeed’s CG2H40045 is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT). The CG2H40045, operating from a 28 volt rail,
offers a general purpose, broadband solution to a variety of RF and microwave
applications. GaN HEMTs offer high efficiency, high gain and wide bandwidth
capabilities making the CG2H40045 ideal for linear and compressed amplifier
circuits. The transistor is available in a flange and pill package.
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms
Features
• Up to 4 GHz Operation
• 18 dB Small Signal Gain at 2.0 GHz
• 14 dB Small Signal Gain at 4.0 GHz
• 55 W Typical PSAT
• 60% Efficiency at PSAT
• 28 V Operation




Similar Part No. - CG2H40045

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
CG2H40045F CREE-CG2H40045F Datasheet
1Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
CG2H40045P CREE-CG2H40045P Datasheet
1Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
More results


Similar Description - CG2H40045

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40045 CREE-CGH40045_15 Datasheet
1Mb / 15P
45 W, RF Power GaN HEMT
Rev 4.0
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
10 W, DC - 6 GHz, RF Power GaN HEMT
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
logo
WOLFSPEED, INC.
CG2H40010 WOLFSPEED-CG2H40010 Datasheet
1Mb / 14P
10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CG2H80045D WOLFSPEED-CG2H80045D Datasheet
1Mb / 8P
45 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CGH40035 WOLFSPEED-CGH40035 Datasheet
3Mb / 14P
35 W, DC - 4 GHz, RF Power GaN HEMT
Rev. 4.2, 2022-11-17
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com