Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40045 Datasheet (PDF) - WOLFSPEED, INC.

CGH40045 Datasheet PDF - WOLFSPEED, INC.
Part # CGH40045
Download  CGH40045 Download
File Size   4198.32 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 45 W, DC - 4 GHz RF Power GaN HEMT

CGH40045 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH40045 Datasheet PDF - WOLFSPEED, INC.

Part # CGH40045
Download  CGH40045 Click to download

File Size   4198.32 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 45 W, DC - 4 GHz RF Power GaN HEMT

CGH40045 Datasheet (HTML) - WOLFSPEED, INC.


CGH40045 Product details

Description
Wolfspeed’s CGH40045 is an unmatched, gallium nitride (GaN)
highelectron mobility transistor (HEMT). The CGH40045,
operating from a 28 volt rail, offers a general purpose, broadband
solution to a variety of RF and microwave applications. GaN HEMT
soffer high efficiency, high gain and wide bandwidth capabilities
making the CGH40045 ideal for linear and compressed amplifier
circuits. The transistor is available in a flange and pill package.
Features
• Up to 4 GHz Operation
• 16 dB Small Signal Gain at 2.0 GHz
• 12 dB Small Signal Gain at 4.0 GHz
• 55 W Typical PSAT
• 55% Efficiency at PSAT
• 28 V Operation
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms




Similar Part No. - CGH40045

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40045F-AMP CREE-CGH40045F-AMP Datasheet
1Mb / 15P
45 W, RF Power GaN HEMT
Rev 4.0
CGH40045F-TB CREE-CGH40045F-TB Datasheet
1Mb / 15P
45 W, RF Power GaN HEMT
Rev 4.0
CGH40045P CREE-CGH40045P Datasheet
1Mb / 15P
45 W, RF Power GaN HEMT
Rev 4.0
CGH40045P-AMP CREE-CGH40045P-AMP Datasheet
1Mb / 15P
45 W, RF Power GaN HEMT
Rev 4.0
More results


Similar Description - CGH40045

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40045 CREE-CGH40045_15 Datasheet
1Mb / 15P
45 W, RF Power GaN HEMT
Rev 4.0
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
10 W, DC - 6 GHz, RF Power GaN HEMT
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
logo
WOLFSPEED, INC.
CG2H40010 WOLFSPEED-CG2H40010 Datasheet
1Mb / 14P
10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CG2H40045 WOLFSPEED-CG2H40045 Datasheet
3Mb / 14P
45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 3.0, 2022-7-20
CG2H80045D WOLFSPEED-CG2H80045D Datasheet
1Mb / 8P
45 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CGH40035 WOLFSPEED-CGH40035 Datasheet
3Mb / 14P
35 W, DC - 4 GHz, RF Power GaN HEMT
Rev. 4.2, 2022-11-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com