Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1014 Datasheet (PDF) - Qorvo, Inc

QPD1014 Datasheet PDF - Qorvo, Inc
Part # QPD1014
Download  QPD1014 Download
File Size   2483.68 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor

QPD1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1014 Datasheet PDF - Qorvo, Inc

Part # QPD1014
Download  QPD1014 Click to download

File Size   2483.68 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor

QPD1014 Datasheet (HTML) - Qorvo, Inc


QPD1014 Product details

Product Features
Frequency: 30 to 1200 MHz
Output Power (P3dB): 12.5 W1
Linear Gain: 18.4 dB1
Typical PAE3dB: 69.5%1
Operating Voltage: 50 V
Low thermal resistance package
CW and Pulse capable
6 x 5 mm package
Note 1: @ 1 GHz (Loadpull)




Similar Part No. - QPD1014

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
GaN RF Input-Matched Transistor
QPD1014EVB01 TRIQUINT-QPD1014EVB01 Datasheet
2Mb / 21P
GaN RF Input-Matched Transistor
QPD1014S2 TRIQUINT-QPD1014S2 Datasheet
2Mb / 21P
GaN RF Input-Matched Transistor
More results


Similar Description - QPD1014

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
GaN RF Input-Matched Transistor
QPD1004 TRIQUINT-QPD1004 Datasheet
2Mb / 20P
25W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
QPD1009 QORVO-QPD1009 Datasheet
1Mb / 28P
15W, 50V, DC ??4 GHz, GaN RF Transistor
2019
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com