Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1026L Datasheet (PDF) - Qorvo, Inc

QPD1026L Datasheet PDF - Qorvo, Inc
Part # QPD1026L
Download  QPD1026L Download
File Size   1868.45 Kbytes
Page   19 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor

QPD1026L Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1026L Datasheet PDF - Qorvo, Inc

Part # QPD1026L
Download  QPD1026L Click to download

File Size   1868.45 Kbytes
Page   19 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor

QPD1026L Datasheet (HTML) - Qorvo, Inc


QPD1026L Product details

Key Features
• Frequency: 420 to 450 MHz
• Output Power (P3dB)1: 1318 W
• Linear Gain1: 25.9 dB
• Typical PAE3dB
1: 80.8 %
• Operating Voltage: 65 V
• CW and Pulse capable




Similar Part No. - QPD1026L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
QPD1020EVB01 TRIQUINT-QPD1020EVB01 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020EVB01 QORVO-QPD1020EVB01 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
QPD1020S2 TRIQUINT-QPD1020S2 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
More results


Similar Description - QPD1026L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1029L QORVO-QPD1029L Datasheet
1Mb / 16P
1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
Sep 2019
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1028L QORVO-QPD1028L Datasheet
1Mb / 16P
750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
Oct 2021
QPD1025 QORVO-QPD1025 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
QPD1028 QORVO-QPD1028 Datasheet
1Mb / 16P
750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com