Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025 Datasheet (PDF) - Qorvo, Inc

QPD1025 Datasheet PDF - Qorvo, Inc
Part # QPD1025
Download  QPD1025 Download
File Size   3135.18 Kbytes
Page   26 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor

QPD1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1025 Datasheet PDF - Qorvo, Inc

Part # QPD1025
Download  QPD1025 Click to download

File Size   3135.18 Kbytes
Page   26 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor

QPD1025 Datasheet (HTML) - Qorvo, Inc


QPD1025 Product details

Key Features
• Frequency: 0.96 to 1.215 GHz
• Output Power (P3dB)1: 1862 W
• Linear Gain1: 22.5 dB
• Typical PAE3dB
1: 77.2%
• Operating Voltage: 65 V
• CW and Pulse capable




Similar Part No. - QPD1025

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025EVB1 TRIQUINT-QPD1025EVB1 Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
More results


Similar Description - QPD1025

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
GaN RF Input-Matched Transistor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1029L QORVO-QPD1029L Datasheet
1Mb / 16P
1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
Sep 2019
QPD1034 QORVO-QPD1034 Datasheet
1Mb / 8P
1700 W, 65 V, 0.96 ??1.215 GHz, GaN RF Pallet
November 2021
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1028L QORVO-QPD1028L Datasheet
1Mb / 16P
750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
Oct 2021
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
QPD1028 QORVO-QPD1028 Datasheet
1Mb / 16P
750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com