Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016 Datasheet (PDF) - Qorvo, Inc

QPD1016 Datasheet PDF - Qorvo, Inc
Part # QPD1016
Download  QPD1016 Download
File Size   1728.74 Kbytes
Page   24 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor

QPD1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1016 Datasheet PDF - Qorvo, Inc

Part # QPD1016
Download  QPD1016 Click to download

File Size   1728.74 Kbytes
Page   24 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor

QPD1016 Datasheet (HTML) - Qorvo, Inc


QPD1016 Product details

Key Features
Frequency: DC to 1.7 GHz
Output Power (P3dB)1: 680 W
Linear Gain1: 23.9 dB
Typical PAE3dB
1: 77.4%
Operating Voltage: 50 V
CW and Pulse capable
Note 1: @ 1.3 GHz Load Pull




Similar Part No. - QPD1016

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
QPD1016EVB01 TRIQUINT-QPD1016EVB01 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
Qorvo, Inc
QPD1016L QORVO-QPD1016L Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
QPD1016LEVB01 QORVO-QPD1016LEVB01 Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
QPD1016LS1 QORVO-QPD1016LS1 Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
More results


Similar Description - QPD1016

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Qorvo, Inc
TGF2977-SM QORVO-TGF2977-SM Datasheet
2Mb / 28P
DC ??12 GHz, 32 V, 5 W GaN RF Transistor
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
DC ??25 GHz, 28 V, 14 W GaN RF Transistor
QPD1881L QORVO-QPD1881L Datasheet
1Mb / 18P
400 W, 50 V, 2.7 ??2.9 GHz, GaN RF Power Transistor
T1G4020036-FS QORVO-T1G4020036-FS Datasheet
1Mb / 18P
DC ??3.5 GHz, 50 V, 2 x 200 W GaN RF Transistor
September, 2021
QPD1016L QORVO-QPD1016L Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com