Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGF2934 Datasheet (PDF) - Qorvo, Inc

TGF2934 Datasheet PDF - Qorvo, Inc
Part # TGF2934
Download  TGF2934 Download
File Size   3939.45 Kbytes
Page   24 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC ??25 GHz, 28 V, 14 W GaN RF Transistor

TGF2934 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGF2934 Datasheet PDF - Qorvo, Inc

Part # TGF2934
Download  TGF2934 Click to download

File Size   3939.45 Kbytes
Page   24 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC ??25 GHz, 28 V, 14 W GaN RF Transistor

TGF2934 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - TGF2934

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
More results


Similar Description - TGF2934

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
25 W, 28 V RF Power GaN HEMT
logo
Qorvo, Inc
TGF2977-SM QORVO-TGF2977-SM Datasheet
2Mb / 28P
DC ??12 GHz, 32 V, 5 W GaN RF Transistor
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
QPD1016L QORVO-QPD1016L Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
WOLFSPEED, INC.
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com