Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CG2H30070F Datasheet (PDF) - WOLFSPEED, INC.

CG2H30070F Datasheet PDF - WOLFSPEED, INC.
Part # CG2H30070F
Download  CG2H30070F Download
File Size   1577.52 Kbytes
Page   13 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT

CG2H30070F Datasheet (PDF)

Go To PDF Page Download Datasheet
CG2H30070F Datasheet PDF - WOLFSPEED, INC.

Part # CG2H30070F
Download  CG2H30070F Click to download

File Size   1577.52 Kbytes
Page   13 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT

CG2H30070F Datasheet (HTML) - WOLFSPEED, INC.


CG2H30070F Product details

Description
Cree’s CG2H30070F is an internally matched gallium nitride
(GaN) high electron mobility transistor (HEMT). The CG2H30070F,
operating from a 28 volt rail, offers a general purpose, broadband
solution to a variety of RF and microwave applications. GaN HEMTs
offer high efficiency, high gain and wide bandwidth capabilities
making the CG2H30070F ideal for linear and compressed amplifier
circuits. The transistor is available in a flange package
Features
• 0.5 - 3.0 GHz Application Circuit
• 85 W POUT typical at 28 V
• 10 dB Power Gain
• 58% Drain Efficiency
• Internally Matched
Applications
• Broadband Amplifiers
• Electronic Counter Measures
• Signal Jamming
• Milcom
• Radar
• Data Link




Similar Part No. - CG2H30070F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CG2H30070F CREE-CG2H30070F Datasheet
1Mb / 13P
70 W, 0.5??.0 GHz, 28 V, RF Power GaN HEMT
More results


Similar Description - CG2H30070F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 3.0
CGHV59070 CREE-CGHV59070 Datasheet
915Kb / 10P
70 W, 4.4-5.9 GHz, 50 V, RF Power GaN HEMT
Rev 1.0
CG2H30070F CREE-CG2H30070F Datasheet
1Mb / 13P
70 W, 0.5??.0 GHz, 28 V, RF Power GaN HEMT
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
25 W, 28 V RF Power GaN HEMT
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
CGHV59070 WOLFSPEED-CGHV59070 Datasheet
2Mb / 14P
70 W, 4.4 - 5.9 GHz, 50 V, RF Power GaN HEMT
Rev. 2.7, 2022-12-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com