Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6822 Datasheet (PDF) - Analog Devices

ADBMS6822 Datasheet PDF - Analog Devices
Part # ADBMS6822
Download  ADBMS6822 Download
File Size   176.51 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual isoSPI Transceiver

ADBMS6822 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS6822 Datasheet PDF - Analog Devices

Part # ADBMS6822
Download  ADBMS6822 Click to download

File Size   176.51 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual isoSPI Transceiver

ADBMS6822 Datasheet (HTML) - Analog Devices


ADBMS6822 Product details

GENERAL DESCRIPTION
The ADBMS68211 (single) and ADBMS68221 (dual) provide bidirectional
isolated serial port interface (isoSPI™) communications
between two isolated devices through a single twisted pair connection
for each data link. Each transceiver encodes logic states into
signals that are transmitted across an isolation barrier to another
transceiver. The receiving device decodes the transmission and
drives the slave bus to the appropriate logic states. The isolation
barrier can be bridged by capacitors or by a pulse transformer to
achieve hundreds of volts of isolation.
The ADBMS6821/ADBMS6822 transceivers drive differential signals
using matched source and sink currents, eliminating the requirement
for a transformer center tap and reducing electromagnetic
interference (EMI). Precision window comparators in the receiver
detect the differential signals.
The transceivers can be paired with advanced Analog Devices,
Inc., battery stack monitors to enable cell voltage and sensor monitoring
even while the system controller is powered down (low power
cell monitoring, or LPCM). The transceivers provide a timeout
function that wake up or alert the system when a pass heartbeat
message has not been received in the programmed time period.
Throughout this data sheet, all pin names refer to both transceivers
on the ADBMS6822. For example, VDD refers to both VDD and VDD2.

FEATURES
► Up to 2 Mbps isolated bidirectional serial data communications
► Drop in compatible: single (ADBMS6821) and dual
(ADBMS6822)
► Fully independent dual transceivers (ADBMS6822)
► Simple galvanic isolation using capacitors or transformers
► Bidirectional interface over a single twisted pair
► Supports cable lengths up to 100 meters
► Very low EMI susceptibility and emissions
► LPCM support for Analog Devices battery monitors
► Interrupt output for LPCM system wake-up
► 4 Mbps unidirectional mode
► Requires no software changes in most SPI systems
► Ultralow idle current
► Automatic interface wake-up detection
► Operating temperature range: –40°C to +125°C
► 3.0 V to 5.5 V isoSPI driver power supply
► 1.7 V to 5.5 V interface to microcontrollers
► 3.0 V to 30 V input for powering wake-up and monitoring functions
(12 V battery compatible)
► 32-lead, side solderable LFCSP
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Electric and hybrid electric vehicles
► Backup battery systems
► Industrial networking
► Remote sensors




Similar Part No. - ADBMS6822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6822 AD-ADBMS6822 Datasheet
1Mb / 28P
Single/Dual isoSPI Transceiver
Rev. B
ADBMS6822CCSZ AD-ADBMS6822CCSZ Datasheet
1Mb / 28P
Single/Dual isoSPI Transceiver
Rev. B
ADBMS6822CCSZ-RL AD-ADBMS6822CCSZ-RL Datasheet
1Mb / 28P
Single/Dual isoSPI Transceiver
Rev. B
ADBMS6822WCCSZ AD-ADBMS6822WCCSZ Datasheet
1Mb / 28P
Single/Dual isoSPI Transceiver
Rev. B
ADBMS6822WCCSZ-RL AD-ADBMS6822WCCSZ-RL Datasheet
1Mb / 28P
Single/Dual isoSPI Transceiver
Rev. B
More results


Similar Description - ADBMS6822

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH245FU TOSHIBA-TC7WH245FU Datasheet
224Kb / 6P
DUAL BUS TRANSCEIVER
logo
Aeroflex Circuit Techno...
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
isoSPI Isolated Communications Interface
logo
Texas Instruments
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
Daisy Chain isoSPI Battery-Stack Monitor
logo
Realtek Semiconductor C...
RTL8212-GR REALTEK-RTL8212-GR Datasheet
869Kb / 66P
INTEGRATED 10/100/1000 SINGLE/DUAL GIGABIT ETHERNET TRANSCEIVER
RTL8212-GR REALTEK-RTL8212-GR_07 Datasheet
1,009Kb / 68P
INTEGRATED 10/100/1000 SINGLE/DUAL GIGABIT ETHERNET TRANSCEIVER
logo
ON Semiconductor
NCV7422 ONSEMI-NCV7422 Datasheet
290Kb / 12P
LIN Transceiver, Dual
August, 2019 ??Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com