Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6822CCSZ Datasheet (PDF) - Analog Devices

ADBMS6822CCSZ Datasheet PDF - Analog Devices
Part # ADBMS6822CCSZ
Download  ADBMS6822CCSZ Download
File Size   1306.29 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual isoSPI Transceiver

ADBMS6822CCSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS6822CCSZ Datasheet PDF - Analog Devices

Part # ADBMS6822CCSZ
Download  ADBMS6822CCSZ Click to download

File Size   1306.29 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual isoSPI Transceiver

ADBMS6822CCSZ Datasheet (HTML) - Analog Devices


ADBMS6822CCSZ Product details

FEATURES
► Up to 2 Mbps isolated bidirectional serial data communications
► Drop in compatible: single (ADBMS6821) and dual
(ADBMS6822)
► Fully independent dual transceivers (ADBMS6822)
► Simple galvanic isolation using capacitors or transformers
► Bidirectional interface over a single twisted pair
► Supports cable lengths up to 100 meters
► Very low EMI susceptibility and emissions
► LPCM support for ADBMS battery monitors
► Interrupt output for LPCM system wake-up
► 4 Mbps unidirectional mode
► Requires no software changes in most SPI systems
► Ultra-low idle current
► Automatic interface wake-up detection
► Operating temperature range: −40°C to +125°C
► 3.0 V to 5.5 V isoSPI driver power supply
► 1.7 V to 5.5 V interface to microcontrollers
► 3.0 V to 30 V input for powering wake-up and monitoring functions
(12 V battery compatible)
► Available in 32-lead, side solderable LFCSP package
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Electric and hybrid electric vehicles
► Backup battery systems
► Industrial networking
► Remote sensors




Similar Part No. - ADBMS6822CCSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6822 AD-ADBMS6822 Datasheet
176Kb / 2P
Single/Dual isoSPI Transceiver
Rev. Sp0
More results


Similar Description - ADBMS6822CCSZ

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
isoSPI Isolated Communications Interface
logo
Texas Instruments
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
Daisy Chain isoSPI Battery-Stack Monitor
logo
Realtek Semiconductor C...
RTL8212-GR REALTEK-RTL8212-GR Datasheet
869Kb / 66P
INTEGRATED 10/100/1000 SINGLE/DUAL GIGABIT ETHERNET TRANSCEIVER
RTL8212-GR REALTEK-RTL8212-GR_07 Datasheet
1,009Kb / 68P
INTEGRATED 10/100/1000 SINGLE/DUAL GIGABIT ETHERNET TRANSCEIVER
logo
ON Semiconductor
NCV7422 ONSEMI-NCV7422 Datasheet
290Kb / 12P
LIN Transceiver, Dual
August, 2019 ??Rev. 0
logo
Analog Devices
ADBMS6821 AD-ADBMS6821 Datasheet
176Kb / 2P
Single/Dual isoSPI Transceiver
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com