Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7551U Datasheet (PDF) - ACE Technology Co., LTD.

ACE7551U Datasheet PDF - ACE Technology Co., LTD.
Part # ACE7551U
Download  ACE7551U Download
File Size   180.74 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter

ACE7551U Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE7551U Datasheet PDF - ACE Technology Co., LTD.

Part # ACE7551U
Download  ACE7551U Click to download

File Size   180.74 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter

ACE7551U Datasheet (HTML) - ACE Technology Co., LTD.


ACE7551U Product details

Description
ACE7551U is a high-efficiency pulse-width-modulated (PWM) step-down DC-DC converter, capable of
delivering 600mA output current over a wide input voltage range from 2.5V to 5.5V. The target application
of ACE7551U is for portable electronic devices that are powered from 1-cell Li-ion battery or from other
power sources within the range such as cellular phones, PDAs and handy-terminals. Internal
synchronous rectifier with low RDS(ON) dramatically reduces conduction loss at PWM mode. No external
Schottky diode is required in practical application. The ACE7551U automatically turns off the
synchronous rectifier while the inductor current is low and enters discontinuous PWM mode. This can
increase efficiency at light load condition.
ACE7551U enter shutdown mode and consumes less than 0.1uA when EN pin is pulled low. The
operation frequency is set to 1.2MHz. This along with small SOT-23-5 package and DFN2*2-6L package
provides small PCB area application. Other features include lower internal reference voltage with 2%
accuracy, over temperature protection, and over current protection.

Features
⚫ High Efficiency: Up to 90%
⚫ 1.2MHz Constant Switching Frequency
⚫ 600mA Output Current
⚫ Integrated Main Switch and Synchronous Rectifier. No Schottky Diode Required
⚫ 2.5V to 5.5V Input Voltage Range
⚫ Low Quiescent Current: 50µA
⚫ Thermal Fault Protection
⚫ <1µA Shutdown Current
⚫ Lead Free SOT-23-5 Package and DFN2*2-6L Package

Application
⚫ Cellular and Smart Phones
⚫ Microprocessors and DSP Core Supplies
⚫ Wireless and DSL Modems
⚫ PDAs, GPS
⚫ MP3 Player
⚫ Portable Instruments




Similar Part No. - ACE7551U

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results


Similar Description - ACE7551U

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
600mA Step-down DC/DC Converter with Synchronous Rectifier
Rev 1
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com