Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2102 Datasheet (PDF) - Analog Devices

ADP2102 Datasheet PDF - Analog Devices
Part # ADP2102
Download  ADP2102 Download
File Size   230.25 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 600mA 3MHz Synchronous Step-Down DC-DC Converter

ADP2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2102 Datasheet PDF - Analog Devices

Part # ADP2102
Download  ADP2102 Click to download

File Size   230.25 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 600mA 3MHz Synchronous Step-Down DC-DC Converter

ADP2102 Datasheet (HTML) - Analog Devices


ADP2102 Product details

GENERAL DESCRIPTION
The ADP2102 is a synchronous step-down dc-to-dc converter that converts a 2.7 V to 5.5 V unregulated input voltage to a lower regulated output voltage with up to 95% efficiency and 1% accuracy. The low duty cycle capability of the ADP2102 is ideal for USB applications or 5 V systems that power up submicron subvolt processor cores. Its 3 MHz typical operating frequency and excellent transient response allow the use of small, low cost 1 μH inductors and 2.2 μF ceramic capacitors.

FEATURES
   Input voltage range: 2.7 V to 5.5 V
   600 mA maximum load current
   95% efficiency
   Low duty cycle operation
   Only 3 tiny external ceramic components
   3 MHz typical operating frequency
   Fixed output voltage from 0.8 V to 1.875 V
   Adjustable output voltage up to 3.3 V
   0.01 μA shutdown supply current
   Automatic power save mode
   Internal synchronous rectifier
   Internal soft start
   Internal compensation
   Enable/shutdown logic input
   Undervoltage lockout
   Current limit protection
   Thermal shutdown
   Small 8-lead, 3 mm × 3 mm LFCSP package
  
APPLICATIONS
   USB powered devices
   WLAN and gateways
   Point of loads
   Processor core power from 5 V
   Digital cameras
   PDAs and palmtop computers
   Portable media players, GPS




Similar Part No. - ADP2102

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP2102-1-EVALZ APEX-ADP2102-1-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.0-EVALZ APEX-ADP2102-1.0-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.25-EVALZ APEX-ADP2102-1.25-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.8-EVALZ APEX-ADP2102-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.875EVALZ APEX-ADP2102-1.875EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - ADP2102

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Rev 3
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
600mA Step-down DC/DC Converter with Synchronous Rectifier
Rev 1
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com