Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2102 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2102
Description  600mA 3MHz Synchronous Step-Down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102 Datasheet(HTML) 3 Page - Analog Devices

  ADP2102 Datasheet HTML 1Page - Analog Devices ADP2102 Datasheet HTML 2Page - Analog Devices ADP2102 Datasheet HTML 3Page - Analog Devices ADP2102 Datasheet HTML 4Page - Analog Devices ADP2102 Datasheet HTML 5Page - Analog Devices ADP2102 Datasheet HTML 6Page - Analog Devices ADP2102 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Technical Data
ADP2102
Rev. PrA| Page 3 of 7
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVIN,EN,MODE,FB/OUT to AGND
−0.3V to +6V
LX to PGND
−0.3V to +(VIN + 0.3 V)
PVIN to PGND
−0.3V to +6V
PGND to AGND
−0.3V to 0.3V
AVIN to PVIN
-0.3V to 0.3V
Operating Ambient Temperature Range
−40°C to +85°C1
Operating Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
1 In applications where high power dissipation and poor thermal resistance
are present, the maximum ambient temperature may have to be de-rated.
Maximum ambient temperature (TA(MAX)) is dependent on the maximum
operating junction temperature (TJ(MAXOP)) = 125°C), the maximum power
dissipation of the device (PD(MAX)), and the junction-to-ambient thermal
resistance of the part/package in the application (θJA), using the following
equation: TA(MAX) = TJ(MAXOP) – (θJA x PD(MAX)).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified all other voltages
referenced to GND.
THERMAL RESISTANCE
Table 3. Thermal Resistance
Package Type
θJA1
Unit
8-Lead LFCSP
54
°C/W
Maximum Power Dissipation
1
W
1 Junction-to-ambient thermal resistance (θJA) of the package is based on
modeling and calculation using a 4-layer board. The junction-to-ambient
thermal resistance is application and board-layout dependent. In
applications where high maximum power dissipation exists, attention to
thermal board design is required. The value of θJA can vary depending on
PCB material, layout, and environmental conditions. For more information,
please refer to Application Note AN-772: A Design and Manufacturing Guide
for the Lead Frame Chip Scale Package (LFCSP).
BOUNDARY CONDITION
Natural convection, 4-layer board, exposed pad soldered to the PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com