Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2102 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2102
Description  600mA 3MHz Synchronous Step-Down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102 Datasheet(HTML) 2 Page - Analog Devices

  ADP2102 Datasheet HTML 1Page - Analog Devices ADP2102 Datasheet HTML 2Page - Analog Devices ADP2102 Datasheet HTML 3Page - Analog Devices ADP2102 Datasheet HTML 4Page - Analog Devices ADP2102 Datasheet HTML 5Page - Analog Devices ADP2102 Datasheet HTML 6Page - Analog Devices ADP2102 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Technical Data
ADP2102
Rev. PrA | Page 2 of 7
SPECIFICATIONS
VIN= 3.6V, Bold values indicate TJ = −40°C to + 85°C, unless otherwise noted.1
Table 1.
Parameters
Conditions
Min
Typ
Max
Units
Input Voltage Range2
2.7
5.5
V
Under voltage Lockout Threshold
VIN rising
2.2
2.4
2.5
V
Under voltage Lockout Hysterisis
200
mV
Output Voltage Range
ADP2102_Fixed
0.8
1.875
V
Output Voltage Accuracy
-1
1
%
Load Regulation
Vout=0.8V -1.875V, Iload= 0-600mA
0.3
0.5
%
Line Regulation
Iout = 10mA
0.3
0.6
%
FB Regulation Voltage
784
800
816
mV
FB Bias current
1
50
nA
Operating Current
ADP2102, VFB= 0.9V
60
80
μA
Shutdown Current
EN=0V
0.1
1
μA
Output Current
600
mA
LX On Resistance
P-Channel Switch
300
600
mΩ
N-channel Synchronous Rectifier
250
400
mΩ
LX Leakage Current
PVIN=5.5V, VLX= 0V,5.5V
1
μA
LX Minimum –Off Time
100
ns
Forward Current Limit
P-Channel Switch or N-Channel Synchronous Rectifier
1
A
EN,MODE Input High Threshold
1.3
V
EN,MODE Input Low Threshold
0.4
V
EN,MODE Input Leakage Current
EN=MODE= 0, 5.5V
-1
0.1
1
μA
Switching Frequency
3
MHz
Soft Start Period
250
500
800
μs
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysterisis
15
°C
1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC). Typical values are at TA = +25°C, VIN = 3.6 V.
2 This is the VIN input voltage range over which the rest of the specifications are valid. The part operates as expected until VIN goes below the UVLO threshold.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com