Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP10Y Datasheet (PDF) - Vishay Siliconix

GP10Y Datasheet PDF - Vishay Siliconix
Part # GP10Y
Download  GP10Y Download
File Size   77.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifier

GP10Y Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10Y Datasheet PDF - Vishay Siliconix

Part # GP10Y
Download  GP10Y Click to download

File Size   77.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifier

GP10Y Datasheet (HTML) - Vishay Siliconix


GP10Y Product details

FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for both
consumer and automotive applications.

MECHANICAL DATA
Case: DO-204AL, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Note
• For part numbers with “E” suffix, they are”-M3” commercial
grade only




Similar Part No. - GP10Y

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10Y ZOWIE-GP10Y Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10Y GE-GP10Y Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP10Y TAITRON-GP10Y Datasheet
129Kb / 4P
1.0A Sintered Glass Passivated Rectifier
logo
Gulf Semiconductor
GP10Y GULFSEMI-GP10Y Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A
logo
Vishay Siliconix
GP10Y VISHAY-GP10Y Datasheet
77Kb / 4P
Glass Passivated Junction Rectifier
15-Mar-11
More results


Similar Description - GP10Y

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
Glass Passivated Junction Plastic Rectifier
13-Jun-16
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
Glass Passivated Junction Plastic Rectifier
06-Oct-2021
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com