Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP10Y Datasheet (PDF) - Gulf Semiconductor

GP10Y Datasheet PDF - Gulf Semiconductor
Part # GP10Y
Download  GP10Y Download
File Size   160.12 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A

GP10Y Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10Y Datasheet PDF - Gulf Semiconductor

Part # GP10Y
Download  GP10Y Click to download

File Size   160.12 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A

GP10Y Datasheet (HTML) - Gulf Semiconductor


GP10Y Product details

FEATURE
    High temperature metallurgically bonded construction
    Sintered glass cavity free junction
    Capability of meeting environmental standard of MIL-S-19500
    High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension
    Operate at Ta =55°C with no thermal run away
    Typical Ir<0.1µA




Similar Part No. - GP10Y

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10Y ZOWIE-GP10Y Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10Y GE-GP10Y Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP10Y TAITRON-GP10Y Datasheet
129Kb / 4P
1.0A Sintered Glass Passivated Rectifier
logo
Vishay Siliconix
GP10Y VISHAY-GP10Y Datasheet
77Kb / 4P
Glass Passivated Junction Rectifier
15-Mar-11
GP10Y VISHAY-GP10Y Datasheet
77Kb / 4P
Glass Passivated Junction Plastic Rectifier
28-May-13
More results


Similar Description - GP10Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5620GP GULFSEMI-1N5620GP Datasheet
184Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GP10T GULFSEMI-GP10T Datasheet
115Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 1.0A
GP30N GULFSEMI-GP30N Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
RGP10B-E GULFSEMI-RGP10B-E Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RU2KGF GULFSEMI-RU2KGF Datasheet
224Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
SRGP10Q GULFSEMI-SRGP10Q Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com