Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR7H35 Datasheet (PDF) - Vishay Siliconix

MBR7H35 Datasheet PDF - Vishay Siliconix
Part # MBR7H35
Download  MBR7H35 Download
File Size   121.89 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

MBR7H35 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR7H35 Datasheet PDF - Vishay Siliconix

Part # MBR7H35
Download  MBR7H35 Click to download

File Size   121.89 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

MBR7H35 Datasheet (HTML) - Vishay Siliconix


MBR7H35 Product details

FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC

TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of
switching mode power supplies, freewheeling diodes,
dc-to-dc converters or polarity protection application.

MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - MBR7H35

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
MBR7H35 VAISH-MBR7H35 Datasheet
77Kb / 3P
Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR7H35 VISHAY-MBR7H35 Datasheet
147Kb / 5P
Schottky Barrier Rectifier
19-May-08
logo
Inchange Semiconductor ...
MBR7H35 ISC-MBR7H35 Datasheet
274Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
MBR7H35 VISHAY-MBR7H35_15 Datasheet
144Kb / 6P
Schottky Barrier Rectifier
15-Jun-12
More results


Similar Description - MBR7H35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com