Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE73655Y Datasheet (PDF) - ACE Technology Co., LTD.

ACE73655Y Datasheet PDF - ACE Technology Co., LTD.
Part # ACE73655Y
Download  ACE73655Y Download
File Size   231.3 Kbytes
Page   4 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter

ACE73655Y Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE73655Y Datasheet PDF - ACE Technology Co., LTD.

Part # ACE73655Y
Download  ACE73655Y Click to download

File Size   231.3 Kbytes
Page   4 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter

ACE73655Y Datasheet (HTML) - ACE Technology Co., LTD.


ACE73655Y Product details

Description
The ACE73655Y is a monolithic, step down, switch mode converter with internal power MOSFETs. It
can provide continuous output current up to 6A from 2.8V to 5.5V input voltage, and has good load and
line regulation capability. The output voltage can be adjusted below 0.6V.
Constant on time control provides a fast-transient response and simplifies loop stability. Fault state
protections include cycle-by-cycle current limiting and thermal shutdown.
The ACE73655Y is housed in a small QFN2*3-12 package and requires only a minimal number of readily
available, standard, external components.

Features
⚫ Operating Input Range: 2.8V to 5.5V
⚫ Quiescent Current: 40µA
⚫ Up to 6A Output Current
⚫ Fixed Switching Frequency: 1.2MHz
⚫ Adjustable Output from 0.6V
⚫ 1.5ms Internal SS Time with Pre-Bias Startup
⚫ 20mΩ and 12mΩ Internal Power MOSFETs
⚫ 100% Duty Cycle in Dropout
⚫ 1% Feedback Accuracy
⚫ External Mode Control
⚫ External VCON Control
⚫ Cycle-by-Cycle Over Current Protection
⚫ Short Circuit Protection with Hiccup Mode
⚫ Stable with Low-ESR Output Ceramic Capacitors
⚫ Thermal Shutdown
⚫ Output Discharge Function
⚫ Package: QFN2*3-12

Application
⚫ Battery-Powered Devices
⚫ Storage (SSD, HDD)
⚫ Portable Instruments




Similar Part No. - ACE73655Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
More results


Similar Description - ACE73655Y

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
Monolithic Power System...
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
logo
uPI Group Inc.
UP1728S UPI-UP1728S Datasheet
189Kb / 13P
1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1728 UPI-UP1728 Datasheet
189Kb / 12P
1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77540 MAXIM-MAX77540 Datasheet
1Mb / 55P
16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Analog Devices
MAX77847 AD-MAX77847 Datasheet
2Mb / 37P
5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com