Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5313 Datasheet (PDF) - Global Mixed-mode Technology Inc

G5313 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5313
Download  G5313 Download
File Size   57.71 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency 6A Synchronous Buck Converter

G5313 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5313 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5313
Download  G5313 Click to download

File Size   57.71 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency 6A Synchronous Buck Converter

G5313 Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - G5313

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5310 GMT-G5310 Datasheet
63Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5312 GMT-G5312 Datasheet
95Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
G5316RZ1D GMT-G5316RZ1D Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
G5316RZ1U GMT-G5316RZ1U Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Similar Description - G5313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333A GMT-G5333A Datasheet
169Kb / 1P
High Efficiency 4A Synchronous Buck Converter
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
ACE Technology Co., LTD...
ACE73655Y ACE-ACE73655Y Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com