Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1250 Datasheet (PDF) - Analog Devices

ADUM1250 Datasheet PDF - Analog Devices
Part # ADUM1250
Download  ADUM1250 Download
File Size   261.4 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swappable, Dual I2C Isolators

ADUM1250 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1250 Datasheet PDF - Analog Devices

Part # ADUM1250
Download  ADUM1250 Click to download

File Size   261.4 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swappable, Dual I2C Isolators

ADUM1250 Datasheet (HTML) - Analog Devices


ADUM1250 Product details

GENERAL DESCRIPTION
The ADuM1250/ADuM12511 are hot swappable digital isolators
with nonlatching, bidirectional communication channels that
are compatible with I2C interfaces. This eliminates the need for
splitting I2C signals into separate transmit and receive signals
for use with standalone optocouplers.
The ADuM1250 provides two bidirectional channels, supporting a complete isolated I2C interface. The ADuM1251 provides one
bidirectional channel and one unidirectional channel for applica-
tions where a bidirectional clock is not required.
Both the ADuM1250 and the ADuM1251 contain hot swap
circuitry to prevent glitching data when an unpowered card is
inserted onto an active bus. These isolators are based on the iCoupler® chip scale transformer
technology from Analog Devices, Inc. iCoupler is a magnetic isolation technology with functional, performance, size, and
power consumption advantages as compared to optocouplers.
With the ADuM1250/ADuM1251, iCoupler channels can be
integrated with semiconductor circuitry, which enables a complete
isolated I2C interface to be implemented in a small form factor.

FEATURES
Bidirectional I2C communication Open-drain interfaces
Suitable for hot swap applications
30 mA current sink capability
1000 kHz operation
3.0 V to 5.5 V supply/logic levels 8-lead, RoHS compliant SOIC package
High temperature operation: 125°C Qualified for automotive applications
Safety and regulatory approvals
UL recognition
2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A
VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak

APPLICATIONS
Isolated I2C, SMBus, or PMBus interfaces Multilevel I2C interfaces
Power supplies
Networking Power over Ethernet
Hybrid electric vehicle battery management




Similar Part No. - ADUM1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
Hot Swappable Dual I2C Isolators
10/06-Revision 0
ADUM1250 AD-ADUM1250 Datasheet
274Kb / 12P
Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250 AD-ADUM1250 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM1250ARZ AD-ADUM1250ARZ Datasheet
335Kb / 12P
Hot Swappable Dual I2C Isolators
10/06-Revision 0
ADuM1250ARZ AD-ADuM1250ARZ Datasheet
300Kb / 12P
Hot Swappable, Dual I2C Isolators
Rev. F
More results


Similar Description - ADUM1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
Hot Swappable Dual I2C Isolators
10/06-Revision 0
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
Hot Swappable, Dual I2C Isolators
REV. D
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
Hot Swappable, Dual IC Isolators
Rev. G
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com