Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM3070 Datasheet (PDF) - Analog Devices

ADUM3070 Datasheet PDF - Analog Devices
Part # ADUM3070
Download  ADUM3070 Download
File Size   763.95 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Switching Regulator With Integrated Feedback

ADUM3070 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3070 Datasheet PDF - Analog Devices

Part # ADUM3070
Download  ADUM3070 Click to download

File Size   763.95 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Switching Regulator With Integrated Feedback

ADUM3070 Datasheet (HTML) - Analog Devices


ADUM3070 Product details

GENERAL DESCRIPTION
The ADuM30701 isolator is a regulated dc-to-dc isolated power supply controller with an internal MOSFET driver. The dc-to-dc controller has an internal isolated PWM feedback from the secondary side based on the iCoupler® chip scale transformer technology and complete loop compensation. This eliminates the need to use an optocoupler for feedback and compensates the loop for stability.
The ADuM3070 isolator provides a more stable output voltage and higher efficiency compared to unregulated isolated dc-to-dc power supplies. The fully integrated feedback and loop compensation in a small QSOP package provides a smaller form factor than any discrete solution. The regulated feedback provides a relatively flat efficiency curve over the full output power range. The ADuM3070 enables a dc-to-dc converter with a 3.3 V to 24 V isolated output voltage range from either a 5.0 V or a 3.3 V input voltage, with an output power of up to 2.5 W.

FEATURES
Isolated PWM feedback with built in compensation
Primary side transformer driver for up to 2.5 W output power with 5 V input voltage
Regulated adjustable output: 3.3 V to 24 V
Up to 80% efficiency
200 kHz to 1 MHz adjustable oscillator
Soft start function at power-up
Pulse-by-pulse overcurrent protection
Thermal shutdown
2500 V rms isolation
High common-mode transient immunity: >25 kV/μs
16-lead QSOP package
High temperature operation: 105°C

APPLICATIONS
Power supply startup bias and gate drives
Isolated sensor interfaces
Process controls




Similar Part No. - ADUM3070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
ADUM3070 AD-ADUM3070 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM3070ARQZ AD-ADUM3070ARQZ Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
More results


Similar Description - ADUM3070

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
Isolated Flyback Switching Regulator with 9V Output
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
ADUM4470 AD-ADUM4470 Datasheet
750Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
REV. 0
logo
Linear Technology
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
logo
Texas Instruments
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
Integrated Switching Regulator
logo
Analog Devices
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
Isolated Switching Regulator with Integrated Feedback
Rev. 0
ADUM4470 AD-ADUM4470_V01 Datasheet
630Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
logo
Kinetic Technologies.
KTB1100 KINETIC-KTB1100 Datasheet
1Mb / 20P
15W Flyback Regulator with Digital Isolator Integrated Feedback
February 2022 - Revision 04b
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com