Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273482 Datasheet (PDF) - PHOENIX CONTACT

3273482 Datasheet PDF - PHOENIX CONTACT
Part # 3273482
Download  3273482 Download
File Size   623.38 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-G GY

3273482 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273482 Datasheet PDF - PHOENIX CONTACT

Part # 3273482
Download  3273482 Click to download

File Size   623.38 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-G GY

3273482 Datasheet (HTML) - PHOENIX CONTACT


3273482 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage: 450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: gray

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273480 PHOENIX-3273480 Datasheet
662Kb / 29P
Distribution block - PTFIX 6/6X2,5-FE-G
Jun 29, 2022
3273484 PHOENIX-3273484 Datasheet
624Kb / 29P
Distribution block - PTFIX 6/12X2,5-G BU
Jun 22, 2022
3273486 PHOENIX-3273486 Datasheet
620Kb / 28P
Distribution block - PTFIX 6/12X2,5-G RD
Jun 7, 2022
3273488 PHOENIX-3273488 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/12X2,5-G YE
Jun 29, 2022
More results


Similar Description - 3273482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273286 PHOENIX-3273286 Datasheet
183Kb / 15P
Distribution block - PTFIX 12X2,5 GY
09/12/2020
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273088 PHOENIX-3273088 Datasheet
905Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 GY
Jun 2, 2022
3273220 PHOENIX-3273220 Datasheet
908Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A GY
Jun 2, 2022
3273496 PHOENIX-3273496 Datasheet
621Kb / 29P
Distribution block - PTFIX 6/12X2,5-G BK
Jun 7, 2022
3273498 PHOENIX-3273498 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G VT
Jun 23, 2022
3273488 PHOENIX-3273488 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/12X2,5-G YE
Jun 29, 2022
3274188 PHOENIX-3274188 Datasheet
916Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS15A GY
Jun 22, 2022
3273499 PHOENIX-3273499 Datasheet
560Kb / 25P
Distribution block - PTFIX 6/12X2,5-G PK
Nov 30, 2022
3273416 PHOENIX-3273416 Datasheet
621Kb / 27P
Distribution block - PTFIX 12X2,5-G GY
Jun 22, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com