Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273486 Datasheet (PDF) - PHOENIX CONTACT

3273486 Datasheet PDF - PHOENIX CONTACT
Part # 3273486
Download  3273486 Download
File Size   620.06 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-G RD

3273486 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273486 Datasheet PDF - PHOENIX CONTACT

Part # 3273486
Download  3273486 Click to download

File Size   620.06 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-G RD

3273486 Datasheet (HTML) - PHOENIX CONTACT


3273486 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: red

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273480 PHOENIX-3273480 Datasheet
662Kb / 29P
Distribution block - PTFIX 6/6X2,5-FE-G
Jun 29, 2022
3273482 PHOENIX-3273482 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G GY
Jun 10, 2022
3273484 PHOENIX-3273484 Datasheet
624Kb / 29P
Distribution block - PTFIX 6/12X2,5-G BU
Jun 22, 2022
3273488 PHOENIX-3273488 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/12X2,5-G YE
Jun 29, 2022
More results


Similar Description - 3273486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273356 PHOENIX-3273356 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 RD
Jun 2, 2022
3273290 PHOENIX-3273290 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 RD
Jun 2, 2022
3273092 PHOENIX-3273092 Datasheet
903Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 RD
Jun 2, 2022
3273224 PHOENIX-3273224 Datasheet
906Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35A RD
Jun 2, 2022
3273496 PHOENIX-3273496 Datasheet
621Kb / 29P
Distribution block - PTFIX 6/12X2,5-G BK
Jun 7, 2022
3273498 PHOENIX-3273498 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G VT
Jun 23, 2022
3274126 PHOENIX-3274126 Datasheet
624Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A RD
Jun 22, 2022
3274192 PHOENIX-3274192 Datasheet
916Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS15A RD
Jun 23, 2022
3273420 PHOENIX-3273420 Datasheet
619Kb / 27P
Distribution block - PTFIX 12X2,5-G RD
Jun 16, 2022
1186879 PHOENIX-1186879 Datasheet
371Kb / 14P
Distribution block - PTVFIX 6/12X2,5-G RD
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com